Part Number Hot Search : 
20010 TB2118FG 1N6303 KA7812 67A42 UNR31 AN011 3X221
Product Description
Full Text Search
 

To Download SC15-11SRWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa5921 rev no: v.8 date: may/24/2007 page: 1 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000805 38.1mm (1.5inch) single digit numeric display part number: SC15-11SRWA super bright red features z 1.5 inch digit height. z low current operation. z excellent character appearance. z high light output. z easy mounting on p.c. boards or sockets. z i.c. compatible. z multicolor available. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsaa5921 rev no: v.8 date: may/24/2007 page: 2 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000805 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SC15-11SRWA super bright red (gaalas) white diffused 12000 60000 common cathode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength super bright red 660 nm i f =20ma d [1] dominant wavelength super bright red 640 nm i f =20ma ? 1/2 spectral line half-width super bright red 20 nm i f =20ma c capacitance super bright red 45 pf v f =0v;f=1mhz v f [2] forward voltage per segment or (dp) super bright red 3.7 (1.85) 5.0 (2.5) v i f =20ma i r reverse current per segment or (dp) super bright red 10 (10) ua v r =10v (v r =5v) parameter super bright red units power dissipation per segment or (dp) 150 (75) mw dc forward current per segment or (dp) 30 (30) ma peak forward current [1] per segment or (dp) 155 (155) ma reverse voltage per segment or (dp) 10 (5) v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsaa5921 rev no: v.8 date: may/24/2007 page: 3 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000805 super bright red SC15-11SRWA
spec no: dsaa5921 rev no: v.8 date: may/24/2007 page: 4 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000805
spec no: dsaa5921 rev no: v.8 date: may/24/2007 page: 5 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000805 packing & label specifications SC15-11SRWA


▲Up To Search▲   

 
Price & Availability of SC15-11SRWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X